Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA733 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA733
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA733 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA733 Datasheet HTML 1Page - Nanjing International Group Co 2SA733 Datasheet HTML 2Page - Nanjing International Group Co 2SA733 Datasheet HTML 3Page - Nanjing International Group Co 2SA733 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA733
Characteristics at Tamb=25
oC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE=6V, -IC=1mA
Current Gain Group R
O
Y
P
L
hFE
hFE
hFE
hFE
hFE
40
70
120
200
350
-
-
-
-
-
80
140
240
400
700
-
-
-
-
-
Collector Base Breakdown Voltage
at -IC=100μA
-V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at -IC=10mA
-V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at -IE=10μA
-V(BR)EBO
5
-
-
V
Collector Cutoff Current
at -VCB=60V
-ICBO
-
-
0.1
μA
Emitter Cutoff Current
at -VEB=5V
-IEBO
-
-
0.1
μA
Collector Saturation Voltage
at -IC=100mA, -IB=10mA
-VCE(sat)
-
0.18
0.3
V
Base Emitter Voltage
at -VCE=6V, -IC=1mA
-VBE(on)
0.5
0.62
0.8
V
Gain Bandwidth Product
at -VCE=6V, -IC=10mA
fT
50
180
-
MHz
Output Capacitance
at -VCB=10V, f=1MHz
COB
-
2.8
-
pF
Noise Figure
at -VCE=6V, -IC=0.3mA
at f=100Hz, RS=10KΩ
F
-
6
20
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com