Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16071 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16071
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC16071 Datasheet HTML 9Page - National Semiconductor (TI) ADC16071 Datasheet HTML 10Page - National Semiconductor (TI) ADC16071 Datasheet HTML 11Page - National Semiconductor (TI) ADC16071 Datasheet HTML 12Page - National Semiconductor (TI) ADC16071 Datasheet HTML 13Page - National Semiconductor (TI) ADC16071 Datasheet HTML 14Page - National Semiconductor (TI) ADC16071 Datasheet HTML 15Page - National Semiconductor (TI) ADC16071 Datasheet HTML 16Page - National Semiconductor (TI) ADC16071 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Pin Description (Continued)
FSO
This is the Frame Sync Output pin FSO is used
to
synchronize
an
external
device
to
the
ADC16071ADC16471’s 32 SCO cycle data
transmission frame The format of the signal on
FSO
depends on the logic level applied to the
SFMT
pin See the Serial Interface section for
details
TSI
This is the Time Slot Input pin TSI can be used
to allow two ADC16071ADC16471’s to share a
single serial data line The logic level applied to
TSI
controls the active state of the ADC16071
ADC16471’s DOE pin See the Serial Interface
and the Two Channel Multiplexed Operation
sections for details
DOE
This is the Data Output Enable pin DOE is used
to control SDO’s TRI-STATE output buffer The
active state of DOE is controlled by the logic lev-
el applied to the TSI pin See the Serial Inter-
face
and the Two Channel Multiplexed Opera-
tion
sections for details
Applications Information
TYPICAL PERFORMANCE RESULTS
Figure 6 shows a 16k point FFT plot of the baseband output
spectrum during conversion of a 24 kHz input signal
CLOCK GENERATION
The ADC16071ADC16471 requires a sampling-clock sig-
nal that is free of ringing (overundershoot of no more than
100 mVp-p) and has a rise and fall time in the range of 3 ns–
10 ns We have tested and recommended crystal clock os-
cillators from Ecliptek (EC1100 series) and SaRonix
(NCH060 and NCH080 series) Both of these families use
HCMOS logic circuitry for very fast rise and fall times
TLH11454 – 13
FIGURE 6 Typical Performance of the ADC16071ADC16471 at fS e 192 kHz fIN e 24 kHz
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com