Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD966 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD966
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD966 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD966 Datasheet HTML 1Page - Nanjing International Group Co 2SD966 Datasheet HTML 2Page - Nanjing International Group Co 2SD966 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD966
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=2V, IC=0.5A
P
Q
R
at VCE=2V, IC=2A
hFE
hFE
hFE
hFE
120
230
340
150
-
-
-
-
250
380
600
-
-
-
-
-
Collector Cutoff Current
at VCB=10V
ICBO
-
-
0.1
μA
Emitter Cutoff Current
at VEB=7V
IEBO
-
-
0.1
μA
Collector Output Capacitance
at VCB=20V,f=1.0MHz
Cob
-
-
50
pF
Collector to Emitter Voltage
at IC=1mA
VCEO
20
-
-
V
Emitter to Base Voltage
at IE=10μA
VEBO
7
-
-
V
Collector to Emitter Saturation Voltage
at IC=3A,IB=0.1A
VCE(sat)
-
-
1
V
Transition Frequency
at VCB=6V, IE=-50mA,f=200MHz
fT
-
150
-
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com