Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCOCXOHS Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHS
Description  family package DIL 14
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOHS Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOHS Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOHS Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOHS Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
SCOCXOHS familypackageDIL14
Sine Wave Output 10 to 120MHz Low phase noise
20.20
15.24
1
7
8
14
0.46
10.7
All dimensions in mm typical
DESCRIPTION:
This DIL 14 package has been specially designed for the applications:
- Digital switching
- Telecom transmission
- Sonet / SDH / DWDM / FDM/36 / WIMAX
- Airbone equipments
- Battery operated systems
- Instrumentation
- Radio Transceiver
The OCXO are supplied on trays (50 pcs/tray).
Oven control quartz crystal oscillator
Fundamental mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Customer specification on request
Very fast warm up
Low power consumption
Swiss made quality
ELECTRICAL
CHARACTERISTICS AT 25°C
Frequency versus temperature
A: 0 to +60°C
B: -20 to +70°C
C: -40 to +85°C
ΔF/F
see table 1
(without air flow)
Frequency long term aging
1)
long term aging 10 years
long term aging 1st year
ΔF/F
≤40MHz
>40MHz
ppm
< ± 2.5
≤ ± 0.3
< ± 4
≤ ± 1
Frequency control range see table 3
Vc
≤40MHz
>40MHz
ppm
≥ ± 2.5
≥ ± 4
Supply voltage
Vdd
3.3 / 5
V
Input current
Idd
see table 2
Output signal sine wave
see table 4
Start-up time
t
<5
ms
Frequency stability versus load ± 5% ΔF/F
≤ ± 10
ppb
Warm-up within ± 0.1 ppm at 25°C
Vdd
3.3
5
V
t
≤ 120
≤ 60
s
Stability versus Vdd
ΔF/F
< ± 0.1
ppm
Short term stability 0.1 to 30s
5E-11 typ at 1s
Tau
< 1
E-10
Phase noise typical
Static conditions
BW = 1Hz
10Hz
100Hz
1 kHz
10 kHz
100kHz
10MHz
100MHz
dBc/
Hz
-110
-140
-155
-160
-160
-90
-120
-140
-150
-155
RoHScompliant:
Pin out
Pin 1 = Voltage control
Pin 7 = GND
Pin 8 = Fout
Pin 14 = Vdd
Package:
1) <± 1 E-9 / day after 30 days operating 10MHz
<± 3 E-9 / day after 30 days operating 100MHz


Similar Part No. - SCOCXOHS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHS GOLLEDGE-SCOCXOHS Datasheet
149Kb / 2P
3.3 & 5.0V OCXO Sine Output Low Phase Noise
SCOCXOHSV GOLLEDGE-SCOCXOHSV Datasheet
558Kb / 5P
5V Sine Output OCXO
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHSVT-AR110 MICROCRYSTAL-SCOCXOHSVT-AR110 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
SCOCXOHSVT-AR1100 MICROCRYSTAL-SCOCXOHSVT-AR1100 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
SCOCXOHSVT-AR1108 MICROCRYSTAL-SCOCXOHSVT-AR1108 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
More results

Similar Description - SCOCXOHS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RASCO ETC1-RASCO Datasheet
604Kb / 2P
4-pin Package, Compatible with 14-pin DIL
logo
EUROQUARTZ limited
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
14 pin DIL VCXO
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
14 pin DIL
logo
MICORO CRYSTAL SWITZERL...
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
family package DIL 14
SCOCXOL MICROCRYSTAL-SCOCXOL Datasheet
326Kb / 3P
family package DIL 14
logo
Golledge Electronics Lt...
GXO-U100F GOLLEDGE-GXO-U100F Datasheet
543Kb / 4P
5.0V DIL-14 Package Leaded Oscillator with High Drive Capability
GVXO-41F GOLLEDGE-GVXO-41F Datasheet
550Kb / 4P
5V voltage controlled oscillator - 14 pin DIL package
GVXO-42F GOLLEDGE-GVXO-42F_18 Datasheet
550Kb / 4P
5V VCXO - High Frequency - 14-pin DIL package
GVXO-44F GOLLEDGE-GVXO-44F Datasheet
550Kb / 4P
3.3V VCXO - High Frequency, DIL-14 Package
logo
HALO Electronics, Inc.
TD02-1205ALF HALO-TD02-1205ALF Datasheet
397Kb / 2P
DIL Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com