Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12030CIWM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12030CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12030CIWM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC12030CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
DC and Logic Electrical Characteristics (Continued)
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, f
CK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK = 5 MHz for the
ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω,
fully-differential input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limits)
POWER SUPPLY CHARACTERISTICS
and ADC12038
CS = HIGH, Powered Down, CCLK off
20
µA
Digital Supply Current
Awake
2.3
3.2
mA
ADC12H030, ADC12H032,
CS = HIGH, Powered Down, CCLK on
0.9
mA
ADC12H034 and ADC12H038
CS = HIGH, Powered Down, CCLK off
20
µA
I
A+
Positive Analog Supply Current
Awake
2.7
4.0
mA (max)
CS = HIGH, Powered Down, CCLK on
10
µA
CS = HIGH, Powered Down, CCLK off
0.1
µA
I
REF
Reference Input Current
Awake
70
µA
CS = HIGH, Powered Down
0.1
µA
AC Electrical Characteristics
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, t
r =tf = 3 ns, fCK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK =5
MHz for the ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω,
fully-differential input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
(Note 10)
ADC12H030/2/4/8 ADC12030/2/4/8
Units
(Limits)
Limits
Limits
(Note 11)
(Note 11)
f
CK
Conversion Clock
10
85
MHz (max)
(CCLK) Frequency
1
MHz (min)
f
SK
Serial Data Clock
10
85
MHz (max)
SCLK Frequency
0
Hz (min)
Conversion Clock
40
40
% (min)
Duty Cycle
60
60
% (max)
Serial Data Clock
40
40
% (min)
Duty Cycle
60
60
% (max)
t
C
Conversion Time
12-Bit + Sign or 12-Bit
44(t
CK)
44(t
CK)
44(t
CK)
(max)
5.5
8.8
µs (max)
8-Bit + Sign or 8-Bit
21(t
CK)
21(t
CK)
21(t
CK)
(max)
2.625
4.2
µs (max)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com