Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A268C Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A268C
Description  Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A268C Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A268C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0375-2
04/12/11
2
PI3A268C
Low-Voltage Dual-SPDT (0.5Ω) Analog Switch
with Negative Swing Audio Capability
Maximum Ratings
Storage Temperature………………………………….. -65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage VDD………………………………………-0.5Vto +4.6V
Control Input Voltage VINx………………………………..-0.5Vto +4.6V
DC Input Voltage VINPUT………………………VDD -4.6V to VDD +0.3V
Continuous Current NO_NC_COM_………………..…………±350mA
Peak Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ……………………….….. ±400mA
Peak Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ………………….……….. ±500mA
Pin Description
Pin
Name
Description
1, 3
NOX
Data Ports (Normally open)
4
GND
Ground
2, 10
NCX
Data Ports (Normally closed)
5, 8
COMX
Common Output / Data Ports
9
VDD
Positive Power Supply
6, 7
INX
Logic Control Pins
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
-
1.65
-
4.3
V
VIN
Control Input Voltage
-
0
-
4.3
V
VINPUT
Switch Input Voltage
-
VDD-4.6V
-
VDD
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Input Rise and Fall Time
-
0
-
10
ns/V
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Control input must be held HIGH or LOW; it must
not float.
Logic Function Table
Logic Input (INX)
Function
0
NCX Connected to COMX
1
NOX Connected to COMX
Note: x = 1 or 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com