Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A288 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3A288
Description  Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A288 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3A288 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-10-0009
PT0541-4
11/03/15
3
PI3A288
Ultra-Low-THD Dual-SPDT (0.35Ω) Analog Switch
with Negative Signal Handling Capability
Electrical Characteristics
(TA = –40°C to 85°C, unless otherwise noted. Typical values are at 1.8V and +25°C.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ANALOG SWITCH
Analog Signal Range
VNO,
VNC,
VCOM
VDD =< 2.3V
2.0
VRMS
VDD > 2.3V
1.8
On-Resistance
RON
VDD = 1.8V, VCOM = 0V
Test Circuit Figure 1
-
0.35
-
Ω
On-Resistance Match
Between Channels
ΔR
ON
VDD = 1.8V, VCOM = 0V between
same NC_ and NO_ channel
Test Circuit Figure 1
-
0.005
0.05
Ω
On-Resistance
Flatness
RONF
VDD = 1.8V, VCOM = -2.5V to +2.5V
Test Circuit Figure 1 (NOTE1)
0.001
0.01
Ω
Supply Current
ICC
VDD =1.8V
-
70
110
μA
DIGITAL INPUTS
Input Logic High
VIH
1.4
V
Input Logic Low
VIL
0.325
IN Input Leakage
Current
IIN
VDD = 1.8V, VIN=0 or 1.8V
-0.5
-
0.5
μA
DYNAMIC CHARACTERISTICS
Turn-Off Time
tOFF
VNO_ or VNC_ = 3V, RL = 32Ω
SSCAP=float
65
μs
Turn-On Time
tON
VNO_ or VNC_ = 3V, RL = 32Ω
SSCAP=float
270
μs
Soft-Start Time
tSTART
SSCAP=0.01uF
VNC_ = 0.1V, 10% to 90%
5
ms
Soft-Stop Time
tSTOP
SSCAP=0.01uF
VNC_ = 0.1V, 90% to 10%
5
ms
NC-NO and COM-
NC/NO
Off-Isolation
OISO
VBIAS=0V, VIN=0dBm
See Test Circuit Figure 2
and Figure 3
30kHz
-
-85
-
dB
Channel-to-Channel
Crosstalk
XTALKD
VBIAS=0V, VIN=0dBm
See Test Circuit Figure 4
30kHz
-
-85
-
dB
-3dB Bandwidth
f3dB
VBIAS=0V, VIN=0dBm
See Test Circuit Figure 5
-
255
-
MHz
Total Harmonic
Distortion
THD+N
f=20Hz to 20kHz, RL=32Ω,
VIN=0.5VRMS, VBIAS=0V (NOTE2)
-
-110
-
dB
Note 1 and Note 2 :These parameters are measured on TA=25°C
Capacitance
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Uni
ts
Control Pin Input
Capacitance
CIN
VDD=0V, f=1MHz,
-
6
-
pF
NC Off Capacitance
CNC (OFF)
VDD=1.8V, f = 1MHz, See Test Circuit Figure 6.
-
14
-
NO Off Capacitance
CNO (OFF)
VDD=1.8V, f = 1MHz, See Test Circuit Figure 6.
-
14
-
NC On Capacitance
CNC (ON)
VDD=1.8V, f = 1MHz, See Test Circuit Figure 7.
-
35
-
NO On Capacitance
CNO (ON)
VDD=1.8V, f = 1MHz, See Test Circuit Figure 7.
-
35
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com