| Electronic Components Datasheet Search |
|
ADC12H032CIWM Datasheet(PDF) 27 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC12H032CIWM Datasheet(HTML) 27 Page - National Semiconductor (TI) |
|
27 / 41 page ![]() TABLE 5. Mode Programming (Continued) ADC12038 DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7 Mode Selected (Current) DO Format (next Conversion Cycle) ADC12034 DI0 DI1 DI2 DI3 DI4 DI5 DI6 ADC12030 and DI0 DI1 DI2 DI3 DI4 DI5 ADC12032 H H L L H H H L Acquisition Time — 34 CCLK Cycles No Change L L L L HHHH User Mode No Change H X X X HHHH Test Mode No Change (CH1–CH7 become Active Outputs) Note: The A/D powers up with no Auto Cal, no Auto Zero, 10 CCLK acquisition time, 12-bit + sign conversion, power up, 12- or 13-bit MSB first, and user mode. X = Don’t Care TABLE 6. Conversion/Read Data Only Mode Programming CS CONV PD Mode L L L See Table 5 for Mode L H L Read Only (Previous DO Format). No Conversion. H X L Idle X X H Power Down X = Don’t Care TABLE 7. Status Register Status Bit DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 Location Status Bit PU PD Cal 8 or 9 12 or 13 16 or 17 Sign Justification Test Mode Device Status DO Output Format Status Function “High” indicates a Power Up Sequence is in progress “High” indicates a Power Down Sequence is in progress “High” indicates an Auto-Cal Sequence is in progress “High” indicates an8or9 bit format “High” indicates a 12 or 13 bit format “High” indicates a 16 or 17 bit format “High” indicates that the sign bit is included. When “Low” the sign bit is not included. When “High” the conversion result will be output MSB first. When “Low” the result will be output LSB first. When “High” the device is in test mode. When “Low” the device is in user mode. Application Hints 1.0 DIGITAL INTERFACE 1.1 Interface Concepts The example in Figure 7 shows a typical sequence of events after the power is applied to the ADC12030/2/4/8: The first instruction input to the A/D via DI initiates Auto Cal. The data output on DO at that time is meaningless and is completely random. To determine whether the Auto Cal has been completed, a read status instruction is issued to the A/D. Again the data output at that time has no significance since the Auto Cal procedure modifies the data in the output shift register. To retrieve the status information, an additional read status instruction is issued to the A/D. At this time the status data is available on DO. If the Cal signal in the status word, is low Auto Cal has been completed. Therefore, the next instruction issued can start a conversion. The data output at this time is again status information. To keep noise from corrupting the A/D conversion, status can not be read during a conversion. If CS is strobed and is brought low during a conversion, that conversion is prematurely ended. EOC can be used to determine the end of a conversion or the A/D controller can keep track in software of when it would be appropriate to comnmunicate to the A/D again. Once it has been determined that the A/D has completed a conver- sion, another instruction can be transmitted to the A/D. The data from this conversion can be accessed when the next instruction is issued to the A/D. Note, when CS is low continuously it is important to transmit the exact number of SCLK cycles, as shown in the timing diagrams. Not doing so will desynchronize the serial com- munication to the A/D. (See Section 1.3.) 01135436 FIGURE 7. Typical Power Supply Power Up Sequence www.national.com 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |