Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # GL1A
Description  Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

GL1A Datasheet(HTML) 2 Page - Diotec Semiconductor

  GL1A Datasheet HTML 1Page - Diotec Semiconductor GL1A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
41
28.02.2002
GL 1A ... GL 1M
Characteristics
Kennwerte
Forward voltage
T
j = 25
/CI
F = 1 A
GL 1A - G
V
F
< 1.2 V
Durchlaßspannung
GL 1 J - M
V
F
< 1.3 V
Leakage current
T
A = 25
/CV
R = VRRM
I
R
< 5
:A
Sperrstrom
T
A = 125
/CV
R = VRRM
I
R
< 50
:A
Typical reverse recovery time
I
F = 0.5 A through/über
t
rr
1.5
:s
Typische Sperrverzugszeit
I
R = 1 A to/auf IR = 0.25 A
Thermal resistance junction to ambient air
R
thA
< 150 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 60 K/W
Wärmewiderstand Sperrschicht – Kontaktfläche



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com