Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLDB3 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # LLDB3
Description  Glass Case MiniMELF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

LLDB3 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  LLDB3 Datasheet HTML 1Page - Olitech Electronics Co.Ltd LLDB3 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLDB3 / LLDB4
Bidirectional Diac
Features
Mechanical Data
The three layer, two terminal, axial lead,
hermetically sealed diacs are designed
specifically for triggering thyristors. They
demonstrate low breakover current at
breakover voltage as they withstand peak
pulse current, The breakover symmetry is
within three volts (DB3,DB4). These diacs
are intended for use in thyrisitors phase
control , circuits for lamp dimming,universa
motor speed control ,and heat control.
Case: MiniMELF Glass Case (SOD-80)
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 0.002 ounce, 0.05grams
Tj
Tstg
Junction temperature
Storage temperature
125
-40~125
OC
OC
Parameter
Symbol
Value
Test Condition
Unit
ITRM
Ptot
A
mW
2
150
l=4mm, T
25 C
L
O
t = 20 s, f = 120Hz
p
m
Repetitive peak on-state current
Power dissipation
Absolute Maximum Ratings T
=25 C unless otherwise specified
amb
O
Parameter
Symbol
Test Condition
Max
Min
Typ.
Unit
VBO
VBO
DV
VO
IBO
tr
IR
IP
V
V
V
V
V
mA
A
ms
Breakover voltage *
Breakover voltage symmetry
Dynamic breakover voltage *
Output voltage *
28
35
36
45
32
40
2
100
0.30
Electrical Characteristics T
=25 C unless otherwise specified
amb
O
C = 22 nF **
C = 22 nF **
V
and V @ 10 mA
BO
F
Seediagram3(R=20 )
W
V = 0.5 V
max
RBO
Part
LLDB3
LLDB4
3
5
5
10
V-V
BO1BO2
Breakover current *
Rise time *
C = 22 nF **
See diagram 2
Leakage current *
Peak current *
mA
Seediagram3(Gate)
* Applicable to both forward and reverse directions. ** Connected in parallel to the device.
+IF
-IF
10 mA
IB
IBO
-V
+V
VF
VBO
DV
0.5 VBO
Ip
90 %
10 %
tr
220V
50Hz
D.U.T.
Rs=0
T410
Ip
Vo
R=20
W
10 k
W
500 k
W
0.1 F
m
Diagram 1:
Voltage -current characteristic curve
Diagram 2:
Rise time measurement
Diagram 3:
Test circuit
0.142 (3.6)
0.126 (3.2)
0.019 (0.48)
0.011 (0.28)
0.063 (1.6)
0.055 (1.4)
Glass Case MiniMELF
Dimensions in inches and (mm)
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
SEMTECH ELECTRONICS LTD...
LLDB3 SEMTECH_ELEC-LLDB3 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
Surge Components
SL5225 SURGE-SL5225 Datasheet
82Kb / 2P
SILICON PLANAR ZENER DIODES, 500mW,MINIMELF PACKAGE
logo
Vishay Siliconix
SOD-80 VISHAY-SOD-80 Datasheet
38Kb / 2P
MiniMELF SOD-80
11-Feb-04
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
Hermetically sealed glass case. DO - 35 outline.
logo
Vishay Siliconix
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
logo
Microsemi Corporation
JAN1N3024B-1 MICROSEMI-JAN1N3024B-1 Datasheet
280Kb / 5P
1 Watt Glass Case Zener Diodes
logo
Vishay Siliconix
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679_15 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
logo
Suntan Capacitors
LL4148 SUNTAN-LL4148 Datasheet
683Kb / 4P
Fast switching diode in MiniMELF case especially suited
ZMM1 SUNTAN-ZMM1 Datasheet
1Mb / 8P
In MiniMELF case especially for automatic insertion
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
MiniMELF case especially for automatic insertion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com