Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBT2907
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2907 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBT2907 Datasheet HTML 1Page - Diotec Semiconductor MMBT2907 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
24
1.1
2.9
±0.1
0.4
1
2
3
Type
Code
1.9
MMBT2907, MMBT2907A
Switching Transistors
PNP
Surface mount Si-Epitaxial PlanarTransistors
PNP
Si-Epitaxial PlanarTransistoren für die Oberflächenmontage
Version 2004-05-04
Power dissipation – Verlustleistung
250 mW
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
1 = B
2 = E
3 = C
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25°C)
Grenzwerte (T
A = 25°C)
MMBT2907
MMBT2907A
Collector-Emitter-voltage
B open
- V
CE0
40 V
60 V
Collector-Base-voltage
E open
- V
CB0
60 V
Emitter-Base-voltage
C open
- V
EB0
5 V
Power dissipation – Verlustleistung
P
tot
250 mW
1)
Collector current – Kollektorstrom (dc)
- I
C
600 mA
Peak Collector current – Kollektor-Spitzenstrom
- I
CM
800 mA
Junction temp. – Sperrschichttemperatur
T
j
150°C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150°C
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, - VCB = 50 V
MMBT2709
MMBT2709A
- I
CB0
- I
CB0
–
–
–
–
20 nA
10 nA
I
E = 0, - VCB = 50 V, Tj = 150°C
- I
CB0
–
–
20 µA
Collector saturation volt. – Kollektor-Sättigungsspg.
1)
- I
C = 150 mA, - IB = 15 mA
- I
C = 500 mA, - IB = 50 mA
- V
CEsat
- V
CEsat
–
–
–
–
400 mV
1.6 V
Base saturation voltage – Basis-Sättigungsspannung
1)
- I
C = 150 mA, - IB = 15 mA
- I
C = 500 mA, - IB = 50 mA
- V
BEsat
- V
BEsat
–
–
–
–
1.3 V
2.6 V


Similar Part No. - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT2907 SAMSUNG-MMBT2907 Datasheet
69Kb / 2P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
42Kb / 2P
PNP General Purpose Amplifier
logo
Comchip Technology
MMBT2907 COMCHIP-MMBT2907 Datasheet
139Kb / 5P
General Purpose Transistor (PNP)
logo
Weitron Technology
MMBT2907 WEITRON-MMBT2907 Datasheet
159Kb / 6P
PNP General Purpose Transistors
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
55Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com