Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40106BCJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40106BCJ
Description  Hex Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40106BCJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD40106BCJ Datasheet HTML 1Page - National Semiconductor (TI) CD40106BCJ Datasheet HTML 2Page - National Semiconductor (TI) CD40106BCJ Datasheet HTML 3Page - National Semiconductor (TI) CD40106BCJ Datasheet HTML 4Page - National Semiconductor (TI) CD40106BCJ Datasheet HTML 5Page - National Semiconductor (TI) CD40106BCJ Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD40106BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V
40
40
30
m
A
VDD e 10V
80
80
60
m
A
VDD e 15V
160
160
120
m
A
VOL
Low Level Output
lIOl k 1 mA
Voltage
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output
lIOl k 1 mA
Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
095
V
VDD e 15V
1495
1495
15
1495
V
VTb
Negative-Going Threshold VDD e 5V VO e 45V
07
20
07
14
20
07
20
V
Voltage
VDD e 10V VO e 9V
14
40
14
32
40
14
40
V
VDD e 15V VO e 135V
21
60
21
50
60
21
60
V
VTa
Positive-Going Threshold
VDD e 5V VO e 05V
30
43
30
36
43
30
43
V
Voltage
VDD e 10V VO e 1V
60
86
60
68
86
60
86
V
VDD e 15V VO e 15V
90
129
90
100
129
90
129
V
VH
Hysteresis (VTa b VTb)VDD e 5V
10
36
10
22
36
10
36
V
Voltage
VDD e 10V
20
72
20
36
72
20
72
V
VDD e 15V
30
108
30
50
108
30
108
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
Current (Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5 b030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k tr and tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or tPLH
Propagation Delay Time from
VDD e 5V
220
400
ns
Input to Output
VDD e 10V
80
200
ns
VDD e 15V
70
160
ns
tTHL or tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
CIN
Average Input Capacitance
Any Input
5
75
pF
CPD
Power Dissipation Capacity
Any Gate (Note 4)
14
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load ac power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com