Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB42ZME Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3USB42ZME
Description  USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB42ZME Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3USB42ZME Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2011-11-0004
PT0378-1
8/26/11
5
PI3USB42
USB2.0 High-Speed (480Mbps) Signal Switch
With Vbus Short Protection
Switching Waveforms
Applications Information
Logic Inputs
The logic control inputs can be driven up to +4.3V regardless of the supply voltage. For example, given a +3.3V supply, the
output enables or select pins may be driven to low to 0V and high to 4.3V.
Power Supply Sequencing
Proper power supply sequencing is recommended for all CMOS devices. Always apply VDD and GND before applying signals to
input/output or control pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com