Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS6A80AS Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTS6A80AS
Description  Repetitive Peak Off-State Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS6A80AS Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTS6A80AS Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS6A80AS Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS6A80AS Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS6A80AS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HTS6A80AS
6A TRIAC
VDRM = 800 V
IT(RMS) = 6 A
ITSM = 63 A
IGT = 35 mA
Absolute Maximum Ratings
(TJ=25 unless otherwise specified )
T2
T1
G
FEATURES
Repetitive Peak Off-State Voltage : 800V
R.M.S On–State Current (IT(RMS) = 6A)
Gate Trigger Current : 35mA
dV/dt 1200V/us
General Description
Especially designed to operate in high power density or universal
motor applications such as vacuum cleaner and washing machine
drum motor, these 6A triacs provide a very high switching capability
up to junction temperatures of 150 .
The heat sink can be reduced, compared to traditional triacs,
according to the high performance at given junction temperatures.
Symbol
Symbol
Parameter
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz,
Gate open
800
V
VRRM
Repetitive Peak Reverse Voltage
800
V
VDSM
Non-Repetitive Surge Peak Off-State Voltage
900
V
VRSM
Non-Repetitive Peak Reverse Voltage
900
V
IT(RMS) R.M.S. On-State Current
½ cycle, TC =95oC6
A
ITSM
Non-Repetitive Surge Peak On-State Current
½ cycle, 50Hz/60Hz
60/63
A
I2t
Fusing Current
t = 10ms
32
A2S
PGM
Forward Peak Gate Power
Dissipation
TJ = 150 C
5W
PG(AV)
Forward Average Gate Power
Dissipation
TJ = 150 C
0.5
W
IGM
Peak Gate Current
tp=20us, TJ = 150 C
2A
TJ
Operating Junction Temperature
-40~+150
oC
TSTG
Storage Temperature
-40~+150
oC


Similar Part No. - HTS6A80AS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTS6A80H SEMIHOW-HTS6A80H Datasheet
377Kb / 5P
3 Quadrants Standard TRIAC
More results

Similar Description - HTS6A80AS

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
NXP Semiconductors
BT137X-600D NXP-BT137X-600D Datasheet
114Kb / 8P
Repetitive peak off-state voltages
June 2001
logo
Apollo Electron Co., Lt...
TF12A60 APOLLOELECTRON-TF12A60 Datasheet
1Mb / 6P
Repetitive Peak Off-State Voltage : 600V
logo
SemiHow Co.,Ltd.
HTX2-600 SEMIHOW-HTX2-600 Datasheet
309Kb / 6P
Repetitive Peak Off-State Voltage: 600V
HTA55A160BW SEMIHOW-HTA55A160BW Datasheet
409Kb / 4P
Repetitive Peak Off-State Voltage
HTH40A80BW SEMIHOW-HTH40A80BW Datasheet
384Kb / 4P
Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
Repetitive Peak Off-State Voltage
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com