Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSH1408F Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSH1408F
Description  Static Characteristic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSH1408F Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSH1408F Datasheet HTML 1Page - SemiHow Co.,Ltd. KSH1408F Datasheet HTML 2Page - SemiHow Co.,Ltd. KSH1408F Datasheet HTML 3Page - SemiHow Co.,Ltd. KSH1408F Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◎ SEMIHOW REV.A1,Dec 2011
Switch Mode series NPN Epitaxial silicon Power Transistor
- Low voltage, high speed power switching
- Suitable for switching regulator, inverters motor controls
KSH1408F
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Max. Operating Junction Temperature
Storage Temperature
V
CBO
V
CEO
V
EBO
I
C
I
CP
I
B
P
C
T
J
T
STG
80
80
5
4
8
0.4
25
150
-65~150
V
V
V
A
A
A
W
℃
℃
4 Amperes
NPN Silicon Power Transistor
25 Watts
Absolute Maximum Ratings TC=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Emitter Breakdown Voltage
V
CEO
I
C=50mA, IB=0
80
V
Collector Cut-off Current
I
CBO
V
CB=80V,IE=0
30
uA
Emitter Cut-off Current
I
EBO
V
EB=5V,IC=0
10
uA
*DC Current Gain
h
FE1
h
FE2
V
CE=5V,IC=0.5A
V
CE=5V,IC=3A
40
15
240
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=3A,IB=0.3A
2
V
*Base-Emitter Saturation Voltage
V
BE(sat)
I
C=3A,IB=0.3A
1.5
V
Output Capacitance
C
ob
V
CB=10V, f=1MHz
90
㎊
Current Gain Bandwidth Product
f
T
V
CE=5V, IC=0.5A
8
㎒
Electrical Characteristics TC=25℃ unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
TO-220F
1. Base
2. Collector
3. Emitter
hFE1
Classification
R
40 ~ 80
O
70 ~ 140
Y
120 ~ 240
Note.
S
YWW
Z
KSH1408F
S
SemiHow Symbol
YWW
Y; year code, WW; week code
Z
hFE1 Classification
Package Mark information.
1 2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com