Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3157BC6EX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A3157BC6EX
Description  Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3157BC6EX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A3157BC6EX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-02-0002
PT0353-5
07/02/15
3
PI5A3157B
Low Voltage SPDT Analog Switch
2: 1 Mux/Demux Bus Switch
DC Electrical Characteristics
(TA = –40°C to 85°C, unless otherwise noted.)
Parameter
Description
Test Conditions
Temperature
(TA:ºC)
Min
Typ
Max
Units
VIAR
Analog Input Signal
Range
VCC
-40°C to 85°C
0
-
VCC
V
RON
ON Resistance
(1)
VCC=4.5V, IO = 30mA, VIN = 0V
25°C
-
4
6
VCC=4.5V, IO=-30mA, VIN =2.4V
-
5
8
VCC=4.5V, IO =-30mA, VIN =4.5V
-
7
11
VCC=4.5V, IO =30mA, VIN = 0V
-40°C to 85°C
-
-
6
VCC=4.5V, IO =-30mA, VIN =2.4V
-
-
8
VCC=4.5V, IO =-30mA, VIN =4.5V
-
-
11
VCC=3.0V, IO =24mA, VIN =0V
25°C
-
5
8
VCC=3.0V, IO =-24mA, VIN =3.0V
-
10
15
VCC=3.0V, IO =24mA, VIN =0V
-40°C to 85°C
-
-
8
VCC=3.0V, IO=-24mA, VIN =3.0V
-
-
15
VCC=2.3V, IO =8mA, VIN =0V
25°C
-
6
9
VCC=2.3V, IO =-8mA, VIN =2.3V
-
13
20
VCC=2.3V, IO =8mA, VIN =0V
-40°C to 85°C
-
-
9
VCC=2.3V, IO=-8mA, VIN =2.3V
-
-
20
VCC=1.65V, IO =4mA, VIN =0V
25°C
-
8
12
VCC=1.65V, IO=-4mA, VIN=1.65V
-
20
30
VCC=1.65V, IO =4mA, VIN = 0V
-40°C to 85°C
-
-
12
VCC=1.65V, IO=-4mA, VIN=1.65V
-
-
25
∆R
ON
ON Resistance Match
Between Channels
(1,2,3)
VCC=4.5V, IA=-30mA, VIN=3.15V
25°C
-
0.15
-
VCC=3.0V, IA=-24mA, VIN =2.1V
-
0.2
-
VCC=2.3V, IA =-8mA, VIN =1.6V
-
0.3
-
VCC=1.65V, IA=-4mA, VIN=0V
-
0.5
-
RONF
ON Resistance
Flatness
(1,2,4)
VCC=5.0V, IA =-30mA,
0≤ V
IN≤VCC
25°C
-
6
-
VCC=3.3V, IA =-24mA,
0≤V
IN≤VCC
-
12
-
VCC=2.5V, IA =-8mA, 0≤ VIN≤VCC
-
22
-
VCC=1.8V, IA =-4mA, 0≤ VIN≤VCC
-
90
-
VIH
Input High Voltage
(Logic High Level)
VCC=1.65V
-40°C to 85°C
1
-
-
V
VCC = 2.3V
1.2
-
-
VCC = 3V
1.3
-
-
VCC = 4.2V
1.5
-
-
VCC = 5.5V
1.8
-
-
VIL
Input Low Voltage
(Logic Low Level)
VCC=1.65V
-40°C to 85°C
-
-
0.4
V
VCC = 2.3V
-
-
0.6
VCC = 3V
-
-
0.8
VCC = 4.2V
-
-
1
VCC = 5.5V
-
-
1.2
ILKC
Input Leakage Current
0≤V
IN≤5.5V, VCC=0V to 5.5V
25°C
-
-
±0.1
µA
-40°C to 85°C
-
-
±1.0
IOFF
OFF State Leakage
Current
0≤V
IN≤5.5V, VCC=1.65V to 5.5V
25°C
-
-
±0.1
µA
-40°C to 85°C
-
-
±10
ICC
Quiescent Supply Current
All channels ON or OFF, VIN =
VCC or GND, IOUT=0, VCC = 5.5V
25°C
-
-
1
µA
-40°C to 85°C
-
-
5
Notes:
1. Measured by voltage drop between A and B pins at the indicated current through the device. ON resistance is determined by the lower
of the voltages on two ports (A or B).
2. Parameter is characterized but not tested in production.
3. DRON = RON max – RON min. measured at identical VCC, temperature and voltage levels.
4. Flatness is defined as difference between maximum and minimum value of ON resistance over the specified range of conditions. Guaranteed
by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com