Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A4157 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A4157
Description  Low Voltage SPDT 0.8(ohm) Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4157 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A4157 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0005
PT0386-3
09/23/15
2
PI5A4157
Low Voltage SPDT 0.8Ω Analog Switch
Maximum Ratings
Storage Temperature…………………………………...-65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage VCC ……………………………………..-0.5V to +7.0V
DC Switch Voltage VS
……………………………-0.5V to V
CC+0.5V
DC Input Voltage VIN
… ……………………………..-0.5V to +7.0V
DC Output Current VOUT……………………………………….128mA
DC VCC or Ground Current ICC /IGND … ………………………±100mA
Junction Temperature under Bias (TJ) ...........................................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................................ 260°C
ESD(HBM).................................................................................5KV
Power Dissipation (PD) @ +85°C ...................................SOT23 250mW
SC70 200mW
UDFN1x1 150mW
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
1.65
-
5.5
V
VIN
Control Input Voltage
-
0
-
VCC
V
VS
Switch Input Voltage
-
0
-
VCC
V
VOUT
Output Voltage
-
0
-
VCC
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Input Rise and Fall Time
Control Input VCC = 2.7V to 3.6V
0
-
10
ns/V
Control Input VCC = 4.5V to 5.5V
0
-
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com