Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGL1D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # RGL1D
Description  Fast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

RGL1D Datasheet(HTML) 1 Page - Diotec Semiconductor

  RGL1D Datasheet HTML 1Page - Diotec Semiconductor RGL1D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
94
28.02.2002
RGL 1A ... RGL 1M
Fast Switching
Schnelle Si-Gleichrichter
Surface Mount Si-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case MiniMELF
SOD-80
Kunststoffgehäuse MiniMELF
DO-213AA
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Marking:
1. red ring denotes “cathode” and “fast switching rectifier family”
2. ring denotes “repetitive peak reverse voltage” (see below)
Kennzeichnung: 1. roter Ring kennzeichnet “Kathode” und “Schnelle Gleichrichter ”
2. Ring kennzeichnet “Periodische Spitzensperrspannung” (siehe unten)
Maximum ratings
Grenzwerte
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
2. Cathode ring
2. Kathodenring
RGL 1A
50
50
gray / grau
RGL 1B
100
100
red / rot
RGL 1D
200
200
orange
RGL 1G
400
400
yellow / gelb
RGL 1J
600
600
green / grün
RGL 1K
800
800
blue / blau
RGL 1M
1000
1000
violet(t)
Max. average forward rectified current, R-load
T
T = 75
/CI
FAV
1 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
25 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
4.5 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C


Similar Part No. - RGL1D

ManufacturerPart #DatasheetDescription
logo
Semikron International
RGL1D SEMIKRON-RGL1D Datasheet
116Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL1D DIOTEC-RGL1D Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL1D SEMIKRON-RGL1D Datasheet
120Kb / 2P
Surface mount diode
logo
Diotec Semiconductor
RGL1D DIOTEC-RGL1D Datasheet
141Kb / 2P
Fast Recovery SMD Rectifier Diodes
More results

Similar Description - RGL1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR2A DIOTEC-FR2A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR1A DIOTEC-FR1A_07 Datasheet
102Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR2TSMA DIOTEC-FR2TSMA Datasheet
90Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR3A DIOTEC-FR3A_07 Datasheet
105Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A_07 Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A_07 Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA154 DIOTEC-SA154_07 Datasheet
73Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA261 DIOTEC-SA261_07 Datasheet
68Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com