Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3245LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3245LE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3245LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.pericom.com
PS8162i
12/08/10
Alltrademarksarepropertyoftheirrespectiveowners.
PI3B3245
Block Diagram
A7
A0
B7
B0
BE
SW
SW
A
A
B
BE
SW
Pin Configuration
1
2
3
4
5
6
7
8
9
1 0
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
NC
A0
A1
A2
A3
A4
A5
A6
A7
GND
Vcc
BE
B0
B1
B2
B3
B4
B5
B6
B7
Description
Pericom Semiconductor’s PI3B3245 is a 3.3V 8-bit, 2-port bus
switch designed with a low On-Resistance (5-ohm) allowing in-
puts to be connected directly to outputs. The bus switch creates
no additional propagational delay or additional ground bounce
noise. The switches are turned ON by the Bus Enable (BE) input
signal.
Features
Î
Î
Near-Zero propagation delay
Î
Î
5-ohm switches connect inputs to outputs
Î
Î
Fast Switching Speed: 4.5ns (max.)
Î
Î
Ultra-Low Quiescent Power (0.2μA Typical)
à
Ideally suited for notebook applications
Î
Î
TTL-compatible control of inputs levels
Î
Î
ESD protection (2kV Human Body Model and 200V
Machine Model)
Î
Î
Packaging (Pb-free & Green):
à
20-pin QSOP (Q)
à
20-pin TSSOP (L)
à
20-pin SOIC (S)
3.3V, Hot Insertion,
8-Bit, 2-Port NanoSwitchTM
Pin Description
Pin Name Description
BE
Bus Enable Input (Active LOW)
A0-7
Bus A
B0-7
Bus B
GND
Ground
VCC
Power
Truth Table
Function
BE
A0-7
Disconnect
H
Hi-Z
Connect
L
B0-7
Note:
H = High Voltage Level, L = Low Voltage Level, Hi-Z = High Impedance
10-0247


Similar Part No. - PI3B3245LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3245LE PERICOM-PI3B3245LE Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3245LE PERICOM-PI3B3245LE Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
More results

Similar Description - PI3B3245LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com