Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2J Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S2J
Description  Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S2J Datasheet(HTML) 1 Page - Diotec Semiconductor

  S2J Datasheet HTML 1Page - Diotec Semiconductor S2J Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Kontaktflächen T
T = 100
/C
46
28.02.2002
S2A … S2M
Surface Mount Si-Rectifiers
Si-Gleichrichter für die Oberflächenmontage
Nominal current – Nennstrom
2 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case
~ SMB
Kunststoffgehäuse
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
S2A
50
50
S2B
100
100
S2D
200
200
S2G
400
400
S2J
600
600
S2K
800
800
S2M
1000
1000
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
2 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
50 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
12.5 A2s
Grenzlastintegral, t < 10 ms


Similar Part No. - S2J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2J PANJIT-S2J Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2J SURGE-S2J Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2J TRSYS-S2J Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2J JGD-S2J Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2J SSE-S2J Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com