Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S500 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S500
Description  Surface Mount Si-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S500 Datasheet(HTML) 1 Page - Diotec Semiconductor

  S500 Datasheet HTML 1Page - Diotec Semiconductor S500 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
1
11.02.2003
S 40 … S 500
Si-Brückengleichrichter
Surface Mount Si-Bridge Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
0.8 A
Alternating input voltage
40…500 V
Eingangswechselspannung
Plastic case
4.7 x 3.9 x 2.4 [mm]
Kunststoffgehäuse
MiniDIL
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle siehe Seite 18
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
max. alternating input voltage
max. Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
S 40
50
80
S 80
110
160
S 125
170
250
S 250
420
600
S 380
560
800
S 500
700
1000
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
40 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t8 A2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C


Similar Part No. - S500

ManufacturerPart #DatasheetDescription
logo
Semikron International
S500 SEMIKRON-S500 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S500 DIOTEC-S500 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S500 DIOTEC-S500 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S500 BILIN-S500 Datasheet
136Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
S500 SECOS-S500 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
More results

Similar Description - S500

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MYS40 DIOTEC-MYS40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
Surface Mount Si-Bridge Rectifiers
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MYS40 DIOTEC-MYS40_07 Datasheet
117Kb / 2P
Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_07 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_06 Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MS40 DIOTEC-MS40_11 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com