Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF7206 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7206
Description  3 V W-CDMA BAND 2 LINEAR PA MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7206 Datasheet(HTML) 1 Page - RF Micro Devices

  RF7206 Datasheet HTML 1Page - RF Micro Devices RF7206 Datasheet HTML 2Page - RF Micro Devices RF7206 Datasheet HTML 3Page - RF Micro Devices RF7206 Datasheet HTML 4Page - RF Micro Devices RF7206 Datasheet HTML 5Page - RF Micro Devices RF7206 Datasheet HTML 6Page - RF Micro Devices RF7206 Datasheet HTML 7Page - RF Micro Devices RF7206 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF7206
3V W-CDMA BAND 2 LINEAR PA MODULE
The RF7206 is a high-power, high-efficiency, linear power amplifier
designed for use as the final RF amplifier in 3V, 50
 W-CDMA mobile cel-
lular equipment and spread-spectrum systems. This PA is developed for
UMTS Band 2 which operates in the 1850MHz to 1910MHz frequency
band. The RF7206 has two digital control pins to select one of three
power modes to optimize performance and current drain at lower power
levels. The part also has an integrated directional coupler which elimi-
nates the need for an external discrete coupler at the output. The RF7206
is fully HSDPA and HSPA+-compliant and is assembled in a 10-pin,
3mmx3mm module.
Features
HSDPA and HSPA+ Compliant
Low Voltage Positive Bias
Supply (3.0V to 4.35V)
+28.5dBm Linear Output
Power (+27.0dBm HSDPA
and HSPA+)
High Efficiency Operation
39% at POUT=+28.5dBm
19% at POUT=+19.0dBm
(Without DC/DC Converter)
Low Quiescent Current in Low
Power Mode: 17mA
Internal Voltage Regulator
Eliminates the Need for Exter-
nal Reference Voltage (VREF)
3-Mode Power States with
Digital Control Interface
Supports DC/DC Converter
Operation
Integrated Power Coupler
Integrated Blocking and Col-
lector Decoupling Capacitors
Applications
WCDMA/HSDPA/HSPA+
Wireless Handsets and Data
Cards
Dual-Mode UMTS Wireless
Handsets
RF7206
3V W-CDMA Band 2 Linear PA Module
RF7206PCBA-410
Fully Assembled Evaluation Board
DS100805
Package Style: Module, 10-Pin, 3mmx3mmx1.0mm


Similar Part No. - RF7206

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7222PCBA-410 RFMD-RF7222PCBA-410 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7225PCBA-410 RFMD-RF7225PCBA-410 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
3V W-CDMA BAND 8 LINEAR PA MODULE
More results

Similar Description - RF7206

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
3V W-CDMA LINEAR PA MODULE
logo
ANADIGICS, Inc
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
Rev 1.3
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
3V W-CDMA BAND 8 LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7401 RFMD-RF7401 Datasheet
531Kb / 8P
3 V W-CDMA BAND 1 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com