Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA680 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA680
Description  High Power Dissipation-: PC= 100W(Max.)@TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA680 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA680 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA680 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SA680
DESCRIPTION
·High Power Dissipation-
: PC= 100W(Max.)@TC=25℃
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -100V(Min.)
·Complement to Type 2SC1080
APPLICATIONS
·Designed for audio power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-12
A
IE
Emitter Current-Continuous
12
A
PC
Collector Power Dissipation
@TC=25℃
100
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-65~150


Similar Part No. - 2SA680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA680 ETC-2SA680 Datasheet
49Kb / 1P
SILICON PNP EPITAXIAL MESA TRANSISTOR (TENTATIVE)
logo
Savantic, Inc.
2SA680 SAVANTIC-2SA680 Datasheet
115Kb / 3P
Silicon PNP Power Transistors
2SA680 SAVANTIC-2SA680 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SA680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Sanken electric
STD03N SANKEN-STD03N Datasheet
398Kb / 8P
High collector power dissipation: Pc=160W
logo
MAKO SEMICONDUCTOR CO.,...
2SB766 MAKOSEMI-2SB766 Datasheet
104Kb / 2P
Large collector power dissipation PC
2SB766A MAKOSEMI-2SB766A Datasheet
105Kb / 2P
Large collector power dissipation PC
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
2SB682 ISC-2SB682 Datasheet
112Kb / 2P
High Power Dissipation
2SB683 ISC-2SB683 Datasheet
111Kb / 2P
High Power Dissipation
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
Total power dissipation: max. 400 mW
2004 Mar 22
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
Power Dissipation Pcm= 625 mW (Ta=25C)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com