Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB891 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB891
Description  High Collector Current -IC= -2A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB891 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB891 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB891 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistor
2SB891
DESCRIPTION
·High Collector Current -IC= -2A
·Good Linearity of hFE
·Low Collector Saturation Voltage
·Complement to Type 2SD1189
APPLICATIONS
·Designed for use in output stage of audio amplifier,
voltage regulator,DC-DC converter and relay driver.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-2
A
ICP
Collector Current-Pulse
-3
A
PC
Collector Power Dissipation
@ TC=25℃
10
W
Collector Power Dissipation
@ Ta=25℃
1.2
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SB891

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB891 ROHM-2SB891 Datasheet
276Kb / 3P
LOW FREQ. POWER AMP. EPITAXIAL PLANAR PNP SILICON TRANSISTOR
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB891F ROHM-2SB891F Datasheet
124Kb / 4P
Medium Power Transistor (32V, 2A)
logo
Savantic, Inc.
2SB891F SAVANTIC-2SB891F Datasheet
105Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB891F ISC-2SB891F Datasheet
148Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SB891

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5430 ISC-2N5430 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N5428 ISC-2N5428 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N2219A ISC-2N2219A Datasheet
96Kb / 2P
Collector Current- IC= 0.8A
2SD1163A ISC-2SD1163A Datasheet
134Kb / 2P
Collector Current: IC= 7A
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com