Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N65 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 6N65
Description  Drain Current ID= 6.2A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

6N65 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  6N65 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 6N65 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website
www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
6N65
·
·
·
·ELECTRICAL CHARACTERISTICS
TC=25℃
℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
650
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 3.1A
1.7
Ω
IGSS
Gate-Body Leakage Current
VGS= ±30V; VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 650V; VGS= 0
10
μA
VSD
Forward On-Voltage
IS= 6.2A; VGS= 0
1.4
V
·
·
·
·



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com