Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12612NEE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3WVR12612NEE
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12612NEE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3WVR12612NEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3WVR12612NEE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
PI3WVR12612
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
Note:
For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
Ordering Information
Ordering Code
Package Code
Package Description
PI3WVR12612NEE
NE
50-Pin, Thin Fine Pitch Ball Grid Array (TFBGA)
PI3WVR12612NEEX
NE
50-Pin, Thin Fine Pitch Ball Grid Array (TFBGA), Tape & Reel
PI3WVR12612ZLE
ZL
52-Pin, 3.5 x 9.0 mm (TQFN)
PI3WVR12612ZLEX
ZL
52-Pin, 3.5 x 9.0 mm (TQFN), Tape & Reel
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• "E" denotes Pb-free and Green
• Adding an "X" at the end of the ordering code denotes tape and reel packaging
14-0122
Packaging Mechanical: 52-Pin TQFN (ZL52)
Pericom Semiconductor Corporation • 1-800-435-2336
15-0175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com