Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2162 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2162
Description  LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2162_16 Datasheet HTML 1Page - RF Micro Devices RF2162_16 Datasheet HTML 2Page - RF Micro Devices RF2162_16 Datasheet HTML 3Page - RF Micro Devices RF2162_16 Datasheet HTML 4Page - RF Micro Devices RF2162_16 Datasheet HTML 5Page - RF Micro Devices RF2162_16 Datasheet HTML 6Page - RF Micro Devices RF2162_16 Datasheet HTML 7Page - RF Micro Devices RF2162_16 Datasheet HTML 8Page - RF Micro Devices RF2162_16 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF2162
DS20160210
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - US CDMA
330
100 pF
100 pF
100 pF
100 pF
1 k
100 pF
9.1 pF**
5.1 pF**
100 pF
27 nH*
100 pF
10 nF
1 pF
0
TL1
TL2
* High Q inductor (i.e., Coilcraft 0805HQ-series).
**High Q capacitors (i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
10 nH
0
15 nH
100 pF
1.8 nH
TL3
TL4
1 nH
RF OUT
RF IN
VREG
VMODE
VCC
2nd Harmonic Trap
Bypassing for VCC
Interstage tuning for
centering frequency response
To Vary Gain
Matching network for
optimum input return loss
Bypassing for
VREG1 and VREG2
Matching network for
optimum load impedance
Bias Return



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com