Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2374 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2374 Datasheet HTML 1Page - RF Micro Devices RF2374 Datasheet HTML 2Page - RF Micro Devices RF2374 Datasheet HTML 3Page - RF Micro Devices RF2374 Datasheet HTML 4Page - RF Micro Devices RF2374 Datasheet HTML 5Page - RF Micro Devices RF2374 Datasheet HTML 6Page - RF Micro Devices RF2374 Datasheet HTML 7Page - RF Micro Devices RF2374 Datasheet HTML 8Page - RF Micro Devices RF2374 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Voltage (VCC)3
V
Gain Select Low Level
(High Gain Mode)
0.8
V
High Gain mode.
Gain Select<0.8V, VREF=3V (typical)
Gain Select High Level
(Bypass Mode)
1.6
V
Low Gain mode.
Gain Select>1.6V, VREF: see bias note 2
Gain Select On/Off Time
<150
nSec
(C1 values range from 3 to 10pF),
Temp=-40°C to +85°C, and over process
Power Down
0
5
μA
Gain Select<0.8V, VREF=0V, VCC=3.0V
Bias note: Due to the presence of ESD protection circuitry on the RF2374, the maximum allowable collector bias voltage (pin 6) is 4.0V. Higher
supply voltages such as 5V are permissible if a series resistor is used to drop VCC to <4.0V for a given ICC.
Bias note 2: In bypass mode, VREF is essentially a “don’t care” condition. Pulling VREF low when in bypass mode does conserve the small 1mA
to 2mA supplied by VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com