Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4402 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 2N4402
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2N4402 Datasheet(HTML) 2 Page - Diotec Semiconductor

  2N4402 Datasheet HTML 1Page - Diotec Semiconductor 2N4402 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig, wenn die Anschlußdrähte in 2 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
37
General Purpose Transistors
2N4402, 2N4403
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
- V
CE = 1 V, - IC = 0.1 mA
2N4403
h
FE
30
–
–
- V
CE = 1 V, - IC = 1 mA
2N4402
2N4403
h
FE
h
FE
30
60
–
–
–
–
- V
CE = 1 V, - IC = 10 mA
2N4402
2N4403
h
FE
h
FE
50
100
–
–
–
–
- V
CE = 1 V, - IC = 150 mA
2N4402
2N4403
h
FE
h
FE
50
100
–
–
150
300
- V
CE = 1 V, - IC = 500 mA
2N4402
2N4403
h
FE
h
FE
20
20
–
–
–
–
h-Parameters at - V
CE = 10 V, - IC = 1 mA, f = 1 kHz
Small signal current gain
Kleinsignal-Stromverstärkung
2N4402
2N4403
h
fe
h
fe
30
60
–
–
250
500
Input impedance
Eingangs-Impedanz
2N4402
2N4403
h
ie
h
ie
0.75 k
S
1.5 k
S
–
–
7.5 k
S
15 k
S
Output admittance – Ausgangs-Leitwert
h
oe
1 µS
–
100 µS
Reverse voltage ratio – Spannungsrückwirkg.
h
re
0.1 *10
-4
–
8 *10
-4
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 10 V, - IC = 20 mA,
f = 100 MHz
2N4402
2N4403
f
T
f
T
150 MHz
200 MHz
–
–
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, - IE = ie = 0, f = 1 MHz
C
CB0
–
–
8.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
V
EB = 2 V, IC = ic = 0, f = 1 MHz
C
EB0
–
–
30 pF
Switching times – Schaltzeiten
turn-on time
- I
Con = 150 mA
- I
Bon = 15 mA
I
Boff = 15 mA
t
on
–
–
35 ns
delay time
t
d
–
–
15 ns
rise time
t
r
–
–
20 ns
turn-off time
t
off
–
–
255 ns
storage time
t
s
–
–
225 ns
fall time
t
f
–
–
30 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
200 K/W
1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
2N4400, 2N4401



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com