Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMZ6005 Datasheet(PDF) 13 Page - Nanjing International Group Co

Part # DMZ6005
Description  depletion-mode power mosfet
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DMZ6005 Datasheet(HTML) 13 Page - Nanjing International Group Co

Back Button DMZ6005 Datasheet HTML 9Page - Nanjing International Group Co DMZ6005 Datasheet HTML 10Page - Nanjing International Group Co DMZ6005 Datasheet HTML 11Page - Nanjing International Group Co DMZ6005 Datasheet HTML 12Page - Nanjing International Group Co DMZ6005 Datasheet HTML 13Page - Nanjing International Group Co DMZ6005 Datasheet HTML 14Page - Nanjing International Group Co DMZ6005 Datasheet HTML 15Page - Nanjing International Group Co DMZ6005 Datasheet HTML 16Page - Nanjing International Group Co DMZ6005 Datasheet HTML 17Page - Nanjing International Group Co Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Test Report
No.: CANEC1209580322
Date: 02 Aug 2012
Page 9 of 15
Note : 1. mg/kg = ppm
2. N.D. = Not Detected (< MDL)
3. MDL = Method Detection Limit
4.
◇ Spot-test:
Negative = Absence of CrVI coating, Positive = Presence of CrVI coating;
(The tested sample should be further verified by boiling-water-extraction method if the spot test result is Negative
or cannot be confirmed.)
◇ Boiling-water-extraction:
Negative = Absence of CrVI coating
Positive = Presence of CrVI coating; the detected concentration in boiling-water-extraction solution is equal or
greater than 0.02 mg/kg with 50 cm2 sample surface area.
For corrosion protection coatings on metals: Information on storage conditions and production date of the tested
sample is unavailable and thus results of Cr(VI) represent status of the sample at the time of testing.
Remark<1>: According to the declaration from the client, Lead (Pb) in No.5 is exempted by EU RoHS Directive
2011/65/EU based on: Lead in high melting temperature type solders (i.e. lead-based alloys containing 85 % by weight or
more lead).
Remark<2>: The result(s) shown of No2&No.3 is/are of the total weight of wet sample.
Remark<3>: Results of Pb(No.5) is only for reference.
Remark<4>: Results & photo(s) of this report refer to test report CANEC1209580318.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com