Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA159 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BA159
Description  Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BA159 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BA159 Datasheet HTML 1Page - Diotec Semiconductor BA159 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Measured at f = 1 Mhz, V
R = 4.0 V – Gemessen bei f = 1 Mhz, VR = 4.0 V
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
104
28.02.2002
BA 157 … BA 159
Fast Silicon Rectifiers
Schnelle Silizium Gleichrichter
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
400…1000 V
Periodische Spitzensperrspannung
Plastic case
DO-41
Kunststoffgehäuse
DO-204AL
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse volt.
Period. Spitzensperrspanng.
V
RRM [V]
Surge peak reverse volt.
Stoßspitzensperrspanng.
V
RSM [V]
Typ. junction capacitance
Typ. Sperrschichtkapazität
C
tot [pF]
1)
BA 157
400
400
2.2
BA 158
600
600
2.0
BA 159
1000
1000
1.8
Max. average forward rectified current, R-load
T
A = 50
/CI
FAV
1 A 2)
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
35 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t6 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C


Similar Part No. - BA159

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA159 TRSYS-BA159 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA159 WTE-BA159 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA159 SEMTECH-BA159 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA159 BYTES-BA159 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA159

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
R30A SEMTECH-R30A Datasheet
148Kb / 3P
FAST SILICON RECTIFIERS
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
Fast Silicon Rectifiers
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
Fast Silicon Rectifiers
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
BY50050 DIOTEC-BY50050 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
logo
Shenzhen Taychipst Elec...
MR820 TAYCHIPST-MR820 Datasheet
3Mb / 2P
Fast Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com