Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-06 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS40-06
Description  Surface mount Schottky-Barrier Single-/ Double-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS40-06 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS40-06 Datasheet HTML 1Page - Diotec Semiconductor BAS40-06 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300 :s, duty cycle # 2% – Gemessen mit Impulsen tp = 300 :s, Schaltverhältnis # 2%
1
1.1
2.9
±0.1
0.4
1
2
3
Type
Code
1.9
BAS40 ...-04 ...-05 ...-06
Schottky-Diodes
Surface mount Schottky-Barrier Single-/ Double-Diodes
Schottky-Barrier Einzel-/ Doppel-Dioden für die Oberflächenmontage
Version 2004-04-09
Power dissipation – Verlustleistung
310 mW
Repetitive peak reverse voltage
40 V
Periodische Spitzensperrspannung
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Dimensions / Maße in mm
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25/C)
Grenzwerte (T
A = 25/C)
per diode / pro Diode
BAS40-series
Power dissipation – Verlustleistung
P
tot
310 mW
1)
Max. average forward current (dc)
Dauergrenzstrom
I
FAV
200 mA
1)
Repetitive peak forward current
Periodischer Spitzenstrom
I
FRM
300 mA
1)
Peak forward surge current t
p # 1 s
Stoßstrom-Grenzwert
I
FSM
600 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM
40 V
Junction temperature – Sperrschichttemperatur
T
j
150
/C
Storage temperature – Lagerungstemperatur
T
S
- 55…+ 150
/C
Characteristics (T
j = 25/C)
Kennwerte (T
j = 25/C)
Forward voltage - Durchlaßspannung
2)I
F = 1 mA
I
F = 10 mA
I
F = 40 mA
V
F
V
F
V
F
< 380 mV
< 500 mV
< 1000 mV
Leakage current - Sperrstrom
2)V
R = 30 V
V
R = 40 V
I
R
I
R
< 200 nA
< 10
:A


Similar Part No. - BAS40-06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40-06 PHILIPS-BAS40-06 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40-06 SIEMENS-BAS40-06 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40-06 DIODES-BAS40-06 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40-06 GE-BAS40-06 Datasheet
51Kb / 2P
Schottky Diodes
logo
Infineon Technologies A...
BAS40-06 INFINEON-BAS40-06 Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
More results

Similar Description - BAS40-06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS70 DIOTEC-BAS70 Datasheet
76Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAT54W DIOTEC-BAT54W Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
BAS40 DIOTEC-BAS40_05 Datasheet
143Kb / 2P
Surface Mount Schottky Barrier Single/Double Diodes
BAS70 DIOTEC-BAS70_10 Datasheet
149Kb / 2P
Surface Mount Schottky Barrier Single/Dual Diodes
BAT54 DIOTEC-BAT54_11 Datasheet
162Kb / 2P
Surface Mount Schottky Barrier Single/Dual Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54W DIOTEC-BAT54W Datasheet
149Kb / 2P
Surface Mount Schottky-Barrier Double-Diodes
BAS40 DIOTEC-BAS40_15 Datasheet
153Kb / 2P
Surface Mount Schottky Barrier Single/Double Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com