Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXT8050 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # PXT8050
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

PXT8050 Datasheet(HTML) 2 Page - Nanjing International Group Co

  PXT8050 Datasheet HTML 1Page - Nanjing International Group Co PXT8050 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
300
600
900
1200
1
10
100
1000
1
10
100
1000
400
600
800
1000
1200
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1
10
100
1000
1
10
100
1000
1
10
100
1000
10
100
1000
0.1
1
10
1
10
100
01
23
45
67
0.00
0.05
0.10
0.15
0.20
0.25
0.30
10
100
1
10
100
1000
COMMON EMITTER
V
CE= 1V
V
BE
I
C
——
BESE-EMMITER VOLTAGE V
BE (mV)
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
1500
1500
1500
300
PXT8050
Typical Characteristics
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 1V
1500
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
20
COMMON
EMITTER
T
a=25
℃
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
2
COMMON EMITTER
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
B,Nov,2012



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com