Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2637 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2637
Description  RECEIVE AGC AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2637 Datasheet(HTML) 9 Page - RF Micro Devices

  RF2637_13 Datasheet HTML 1Page - RF Micro Devices RF2637_13 Datasheet HTML 2Page - RF Micro Devices RF2637_13 Datasheet HTML 3Page - RF Micro Devices RF2637_13 Datasheet HTML 4Page - RF Micro Devices RF2637_13 Datasheet HTML 5Page - RF Micro Devices RF2637_13 Datasheet HTML 6Page - RF Micro Devices RF2637_13 Datasheet HTML 7Page - RF Micro Devices RF2637_13 Datasheet HTML 8Page - RF Micro Devices RF2637_13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF2637
DS130620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
RoHS Compliant:
Yes
Package total weight in grams (g):
0.025
Compliance Date Code:
N/A
Bill of Materials Revision:
-
Pb Free Category:
e3
Pb
Cd
H g
Cr V I
PB B
PB DE
Di e
000000
M o l d i n g Co m p o u n d
000000
Le a d F r a m e
000000
Di e A tta ch E p o x y
000000
W i r e
000000
So l d e r Pl a ti n g
000000
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the
use of certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
B i l l o f M a te r i a l s
Pa r ts Pe r M i l l i o n (PPM )
Th i s R o H S b a n n e d m a te r i a l co n te n t d e cl a r a ti o n wa s p r e p a r e d so l e l y o n i n fo r m a ti o n , i n cl u d i n g a n a l y ti ca l
d a ta , p r o v i d e d to R F M D b y i ts su p p l i e r s, a n d a p p l i e s to th e B i l l o f M a te r i a l s (B O M ) r e v i si o n n o te d



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com