Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3376 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3376
Description  General Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3376 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3376_12 Datasheet HTML 1Page - RF Micro Devices RF3376_12 Datasheet HTML 2Page - RF Micro Devices RF3376_12 Datasheet HTML 3Page - RF Micro Devices RF3376_12 Datasheet HTML 4Page - RF Micro Devices RF3376_12 Datasheet HTML 5Page - RF Micro Devices RF3376_12 Datasheet HTML 6Page - RF Micro Devices RF3376_12 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RF3376
DS121109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+3
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
ICC
50
mA
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, I
CC =35mA (See Note 1.)
Frequency Range
DC to >6000
MHz
3dB Bandwidth
2
GHz
Gain
23.5
dB
Freq=500MHz
22.5
dB
Freq=1000MHz
18.0
19.8
dB
Freq=2000MHz
18.0
dB
Freq=3000MHz
16.0
Freq=4000MHz
12.8
Freq=6000MHz
Noise Figure
2.0
dB
Freq=2000MHz
Input VSWR
<2:1
In a 50
 system, DC to 4500MHz
Output VSWR
<2:1
In a 50
 system, DC to 6000MHz
Output IP
3
+24.4
dBm
Freq=1000MHz
+21.5
+23.4
dBm
Freq=2000MHz
Output P
1dB
+11.5
dBm
Freq=1000MHz
+9.5
+11.5
dBm
Freq=2000MHz
Reverse Isolation
22.5
dB
Freq=2000MHz
Thermal
I
CC =35mA (See Note 3.)
Theta
JC
216
°C/W
Maximum Measured Junction
Temperature at DC Bias
Conditions
110
°C
TCASE=+85°C
Mean Time To Failures
>100
years
T
CASE =+85 °C
Power Supply
With 22
 bias resistor
Device Operating Voltage
3.3
V
At pin 3 with I
CC =35mA
5.0
v
At evaluation board connector, I
CC =35mA
Operating Current
35
50
mA
See Note 2.
Note 1: All specification and characterization data has been gathered on standard FR-4 evaluation boards. These evaluation boards are not
optimized for frequencies above 2.5GHz. Performance above 2.5GHz may improve if a high performance PCB is used.
Note 2: The RF3376 must be operated below 50mA. 35mA to 45mA is the recommended bias to ensure the highest possible reliability and
electrical performance.
Note 3: Because of process variations from part to part, the current resulting from a fixed bias voltage will vary. As a result, caution should be
used in designing fixed voltage bias circuits to ensure the worst case bias current does not exceed 50mA over all intended operating
conditions.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com