Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW56 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAW56
Description  Surface Mount Silicon Planar Dual Small-Signal Diodes (common anode)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAW56 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAW56 Datasheet HTML 1Page - Diotec Semiconductor BAW56 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
1
04.02.2003
BAW 56
Surface Mount Silicon Planar
Silizium-Planar-Doppel-Dioden
Dual Small-Signal Diodes
für die Oberflächenmontage
(common anode)
(gemeinsame Anode)
Nominal current – Nennstrom
250 mA
Repetitive peak reverse voltage
70 V
Periodische Spitzensperrspannung
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Dimensions / Maße in mm
1 = cathode 1
2 = cathode 2
3 = common / gemeinsame anode
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Repetitive peak reverse voltage
V
RRM
70 V
Periodische Spitzensperrspannung
Max. average forward current
D1 + D2
I
FAV
250 mA 1)
Dauergrenzstrom
Repetitive peak forward current
f > 15 Hz
I
FRM
450 mA 1)
Periodischer Spitzenstrom
Peak forward surge current
T
j = 25
/Ct
p = 1
:s
I
FSM
2 A
Stoßstrom-Grenzwert
t
p = 1 ms
I
FSM
1 A
t
p = 1 s
I
FSM
0.5 A
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+ 150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+ 150
/C
Characteristics
Kennwerte
Forward voltage
T
j = 25
/CI
F = 1 mA
V
F
< 715 mV
Durchlaßspannung
I
F = 10 mA
V
F
< 855 mV
I
F = 50 mA
V
F
< 1.0 V
I
F = 0.15 A
V
F
< 1.25 V
Leakage current
T
j = 25
/CV
R = VRRM
I
R
< 2.5
:A
Sperrstrom
T
j = 150
/CV
R = VRRM
I
R
< 50
:A
T
j = 150
/CV
R = 25 V
I
R
< 30
:A
1.1
2.9
±0.1
0.4
1
2
3


Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAW56 PHILIPS-BAW56 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAW56 VISHAY-BAW56 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAW56 TRSYS-BAW56 Datasheet
199Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAW56 WTE-BAW56 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Central Semiconductor C...
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
logo
Diotec Semiconductor
BAS31 DIOTEC-BAS31 Datasheet
130Kb / 2P
Surface Mount Small Signal Dual Diodes
BAV70W DIOTEC-BAV70W_09 Datasheet
116Kb / 2P
Surface Mount Small Signal Dual Diodes
logo
Central Semiconductor C...
CMLZDA2V4 CENTRAL-CMLZDA2V4_15 Datasheet
446Kb / 3P
SURFACE MOUNT SILICON DUAL, COMMON ANODE ZENER DIODES
CMPZDA3V6 CENTRAL-CMPZDA3V6_15 Datasheet
395Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
logo
Diotec Semiconductor
BAS31 DIOTEC-BAS31_15 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual Diodes
BAV23CC DIOTEC-BAV23CC_14 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com