Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV103 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV103
Description  Ultrafast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV103 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV103 Datasheet HTML 1Page - Diotec Semiconductor BAV103 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
134
28.02.2002
BAV 100 … BAV 103
Ultrafast Switching
Ultraschnelle Si-Gleichrichter
Surface Mount Si-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
0.2 A
Repetitive peak reverse voltage
50…300 V
Periodische Spitzensperrspannung
Plastic case MiniMELF
SOD-80
Kunststoffgehäuse MiniMELF
DO-213AA
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Marking:
One green ring denotes “cathode” and “ultrafast switching device”
The type numbers are noted only on the lable on the reel
Kennzeichnung: Ein grüner Ring kennzeichnet “Kathode” und “ultraschneller Gleichrichter”
Die Typenbezeichnungen sind nur auf dem Rollenaufkleber vermerkt
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
BAV 100
50
50
BAV 101
100
100
BAV 102
200
200
BAV 103
300
300
Max. average forward rectified current, R-load
T
A = 50
/CI
FAV
200 mA 1)
Dauergrenzstrom in Einwegschaltung mit R-Last
Max. power dissipation – Verlustleistung
T
A = 50
/CP
tot
500 mW 1)
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
500 mA
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+175
/C


Similar Part No. - BAV103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV103 PHILIPS-BAV103 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV103 VISHAY-BAV103 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Fairchild Semiconductor
BAV103 FAIRCHILD-BAV103 Datasheet
25Kb / 3P
High Voltage, General Purpose Diode
logo
Diodes Incorporated
BAV103 DIODES-BAV103 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV103 GE-BAV103 Datasheet
144Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV103

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL1A DIOTEC-EGL1A Datasheet
121Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
EGL34A DIOTEC-EGL34A Datasheet
122Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
Ultrafast Switching Si-Rectifiers
US1A DIOTEC-US1A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US3A DIOTEC-US3A Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com