Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC556 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC556
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC556 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC556 Datasheet HTML 1Page - Diotec Semiconductor BC556 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig, wenn die Anschlußdrähte in 2 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
9
01.11.2003
General Purpose Transistors
BC 556 ... BC 559
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Base saturation voltage – Basis-Sättigungsspannung
- I
C = 100 mA, - IB = 5 mA
- V
BEsat
–
–
1 V
Base-Emitter voltage – Basis-Emitter-Spannung
- V
CE = 5 V, - IC = 2 mA
- V
BE
580 mV
660 mV
700 mV
Collector-Emitter cutoff current – Kollektorreststrom
- V
CE = 60 V
BC 556
- I
CE0
–
–
0.1
:A
- V
CE = 40 V
BC 557
- I
CE0
–
–
0.1
:A
- V
CE = 25 V
BC 558
- I
CE0
–
–
0.1
:A
- V
CE = 25 V
BC 559
- I
CE0
–
–
0.1
:A
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 5 V, - IC = 10 mA, f = 100 MHz
f
T
150 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
–
6 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- V
EB = 0.5 V, f = 1 MHz
C
EB0
–
9 pF
–
Noise figure – Rauschzahl
- V
CE = 5 V, - IC = 200
:A
BC 556...
F
–
2 dB
10 dB
R
G = 2 k
S f = 1 kHz,
BC 558
)f = 200 Hz
BC 559
F
–
1 dB
4 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
200 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC 546 ... BC 549
Available current gain groups per type
Lieferbare Stromverstärkungsgruppen pro Typ
BC 556A
BC 557A
BC 558A
BC 556B
BC 557B
BC 558B
BC 559B
BC 557C
BC 558C
BC 559C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com