Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1055LP2CE Datasheet(PDF) 10 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices HMC1055LP2CE Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HMC1055
Data Sheet
Rev. A | Page 10 of 10
OUTLINE DIMENSIONS
Figure 15. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 2 mm Body and 0.90 mm Package Height
(CP-8-26)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
MSL
Rating2
Package Description
Package
Option
Branding3
HMC1055LP2CE
−40°C to +85°C
MSL1
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-26
XXXX
1055
H
HMC1055LP2CETR
−40°C to +85°C
MSL1
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-26
XXXX
1055
H
EVAL01-HMC1055LP2C
Evaluation Board
1 HMC1055LP2CE and HMC1055LP2CETR are RoHS compliant parts.
2 See the Absolute Maximum Ratings section.
3 XXXX is the 4-digit lot number.
1.25
1.20
1.15
0.40
0.35
0.30
TOP VIEW
SIDE VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
1.00
0.90
0.80
0.65
0.60
0.55
0.20 REF
0.35 BSC
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.05
2.00 SQ
1.95
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13718-0-2/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com