Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8038LP4CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8038LP4CE
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CE Datasheet(HTML) 5 Page - Analog Devices

  HMC8038LP4CE Datasheet HTML 1Page - Analog Devices HMC8038LP4CE Datasheet HTML 2Page - Analog Devices HMC8038LP4CE Datasheet HTML 3Page - Analog Devices HMC8038LP4CE Datasheet HTML 4Page - Analog Devices HMC8038LP4CE Datasheet HTML 5Page - Analog Devices HMC8038LP4CE Datasheet HTML 6Page - Analog Devices HMC8038LP4CE Datasheet HTML 7Page - Analog Devices HMC8038LP4CE Datasheet HTML 8Page - Analog Devices HMC8038LP4CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
HMC8038
Rev. A | Page 5 of 11
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Bias Voltage Range (VDD)
−0.3 V to +5.5 V
Control Voltage Range (VCTL, EN)
−0.5 V to VDD + (+0.5 V)
RF Input Power1 (see Figure 2)
Through Path
35 dBm
Terminated Path
30 dBm
Hot Switching
30 dBm
Channel Temperature
135°C
Storage Temperature Range
−65°C to +150°C
Thermal Resistance (Channel to Package
Bottom)
Through Path
110°C/W
Terminated Path
100°C/W
ESD Sensitivity
HBM
4 kV (Class 3A)
CDM
1.25 kV
1
For recommended operating conditions, see Table 1.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
During the through mode of operation, the supply voltage scales
the maximum allowed input power. The power handling vs.
frequency for the 3.3 V and 5 V supplies is shown in Figure 2.
40
35
30
25
20
0
1
2
3
4
5
6
FREQUENCY (GHz)
AMR
OPERATING 5V
OPERATING 3.3V
Figure 2. Through Path, Power Handling vs. Frequency
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com