Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4571 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4571
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices ADA4571 Datasheet HTML 10Page - Analog Devices ADA4571 Datasheet HTML 11Page - Analog Devices ADA4571 Datasheet HTML 12Page - Analog Devices ADA4571 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 9 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Raw Output Waveforms, VDD = 5 V, GC = On, T = 25°C
Figure 4. Error Waveform After Offset Correction, VDD = 5 V, GC = On
Figure 5. Dynamic Angular Error, VDD = 5.5 V, GC = On
Figure 6. Dynamic Angular Error, VDD = 5.5 V, GC = Off
Figure 7. Dynamic Angular Error, VDD = 2.7 V, GC = On
Figure 8. Dynamic Angular Error, VDD = 2.7 V, GC = Off
0
1
2
3
4
5
0
90
180
270
360
RELATIVE MECHANICAL ANGLE (Degrees)
–0.2
–0.1
0
0.1
0.2
0
90
180
270
360
MECHANICAL ANGLE (Degrees)
0
5
10
15
20
25
30
35
40
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
0
5
10
15
20
25
30
35
40
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
0
5
10
15
20
25
30
35
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
0
5
10
15
20
25
30
35
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com