Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA6003 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA6003
Description  15W Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA6003 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA6003 Datasheet HTML 1Page - Anpec Electronics Coropration APA6003 Datasheet HTML 2Page - Anpec Electronics Coropration APA6003 Datasheet HTML 3Page - Anpec Electronics Coropration APA6003 Datasheet HTML 4Page - Anpec Electronics Coropration APA6003 Datasheet HTML 5Page - Anpec Electronics Coropration APA6003 Datasheet HTML 6Page - Anpec Electronics Coropration APA6003 Datasheet HTML 7Page - Anpec Electronics Coropration APA6003 Datasheet HTML 8Page - Anpec Electronics Coropration APA6003 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep., 2015
www.anpec.com.tw
4
APA6003
Electrical Characteristics
APA6003
Unit
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
VCLAMP
Regulated voltage
IO=2mA,VDD=6~22V,TJ=-40
ο
C
~125οC
4.5
5
5.5
V
VO
Maximum Output Voltage
Under AGC Control
VAGC=1V, AV=20dB
-
5.5
-
Vp
tDCDET
DCP detect time
VRINP=5V,VRINN=0V
-
500
-
ms
TSD(ON)
Shutdown Turn-On Time
/SD=2.2V
-
20
-
ms
TSD(OFF)
Shutdown Turn-Off Time
/SD=0.8V
-
2
-
μs
IDD
Quiescent Supply Current
No Load
-
17
35
mA
ISD
Quiescent Supply Current
in shutdown mode
/SD = 0V
-
180
250
μA
II
Input Current
/SD, GAIN0, GAIN1,
MONO=12V
-
23
50
μA
FOSC
Internal Oscillator
Frequency
-
300
-
kHz
RDSON
Static Drain-Source
On-State Resistance
IL=0.5A
-
200
-
m
Ω
Gain0=0, Gain1=0
-
20
-
Gain0=1, Gain1=0
-
26
-
Gain0=0, Gain1=1
-
32
-
AV
Gain
Gain0=1, Gain1=1
-
36
-
dB
V
DD=12V, GND=0V, AV=20dB, TA= 25
οC (unless otherwise noted).
APA6003
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=19V, TA=25°C, AV=20dB
VDD=16V
THD+N = 1%, FIN = 1KHz,
RL = 8Ω
-
14
-
Po
Output Power
VDD=16V
THD+N = 10%, FIN = 1kHz
RL = 8Ω
-
17
-
W
THD+N
Total Harmonic
Distortion Pulse Noise
VDD=16V
FIN = 1kHz, PO= 7.5W , RL = 8Ω
-
0.05
-
%
Crosstalk
Channel separation
VO=1Vrms, FIN = 1kHz, AV=20dB
-
-90
-
PSRR
Power Supply
Rejection Ratio
RL=4Ω,input AC-Ground, FIN=1kHz
-
-70
-
SNR
Signal-to-noise ratio
Maximum output at THD+N<1%,
FIN=1kHz, AV=20dB, A-weighted
-
90
-
Attshutdown
Shutdown Attenuation
FIN = 1kHz, RL = 8Ω, Vin= 1VPP
-
-100
-
dB
|VOS|
Offset Voltage
AV=20dB
-
10
-
mV
Vn
Noise Output Voltage
With A-weighted Filter (AV=20dB)
-
170
-
µV (rms)
V
DD=12V, GND=0V, AV=20dB, TA= 25
οC (unless otherwise noted).
Stereo Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com