Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1260 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 17Page - Analog Devices ADM1260 Datasheet HTML 18Page - Analog Devices ADM1260 Datasheet HTML 19Page - Analog Devices ADM1260 Datasheet HTML 20Page - Analog Devices ADM1260 Datasheet HTML 21Page - Analog Devices ADM1260 Datasheet HTML 22Page - Analog Devices ADM1260 Datasheet HTML 23Page - Analog Devices ADM1260 Datasheet HTML 24Page - Analog Devices ADM1260 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
ADM1260
Rev. 0 | Page 21 of 71
INTERCHIP BUS
In addition to local device conditions, a number of different
ICB messages can affect the operation of the SE. These messages
are used by the ADM1260 to coordinate the sequencing
activities, and to inform other devices of faults within the
system.
There are four basic types of ICB messages.
Sequence action
Timeout fault
Monitor fault
Black box trigger
The sequence action message has two forms. In a device to device
form (the first form), this message is used to hand over sequencing
responsibility from one device to the another. The transfer of
sequencing control is done using a ping-pong handshake to ensure
a robust handover of control. In the second form, the message is
broadcast to all devices and instructs them to execute the sequence
condition of the active SE state. All devices connected by the
ICB advance their state machines together in lock step to
maintain a coherent overall system state.
The sequence condition can be set to generate a sequence action
message that is sent to a specific device, or is broadcast to all devices.
The sequence condition in the SE state must be set to wait for a
ping (from a specific device or from a broadcast) for the device
to receive and act upon it.
The timeout and monitor fault messages are always broadcast
messages. They are used by one device to inform all other devices
connected to the ICB that a timeout or monitor fault has occurred,
and to follow the exit state defined in the active SE state.
The timeout and monitor messages are always active on the
ADM1260. The timeout and monitor conditions do not need to
be programmed as part of the SE definition to respond to the
messages being received on the ICB.
The black box trigger is a broadcast message automatically sent
by an ADM1260 when a sequence condition causes the device
to enter a state where the black box trigger is enabled.
In normal operation, the ADM1260 evaluation software, ADI
Power Studio, generates a virtual sequence for all the devices
that share the same ICB. The software automatically inserts the
necessary ICB messages and generates the sequence engine of
each device connected to the ICB. In practice, the end user does
not need to insert the ICB message handling into the SE.
The ICB must be pulled up for the SE to progress; otherwise,
the devices remain in a reserved state.
The SE follows the fault handler path in case of an ICB bus fault
or ping-pong fault if one of the devices in the sequence is non-
operational.
ICB Message Address
Each device on the ICB is assigned a 4-bit address, which is
automatically configured by the GUI. This address is used for
device to device sequence action messages. The ADM1260
supports up to four devices on the ICB.
SE APPLICATION EXAMPLE
The application in this section demonstrates the operation of
the SE. Figure 29 shows how the simple building block of a
single SE state can be used to build a power-up sequence for a
three-supply system. Table 8 lists the PDOx outputs for each
state in the same SE implementation. In this system, a good 5 V
supply on the VP1 pin and the VX1 pin held low are the triggers
required to start a power-up sequence. Next, the sequence turns
on the 3.3 V supply, then the 2.5 V supply (assuming successful
turn on of the 3.3 V supply). When all three supplies turn on
correctly, the power-good state is entered, where the SE remains
until a fault occurs on one of the three supplies or until it is
instructed to go through a power-down sequence by VX1 going
high. Faults are dealt with throughout the power-up sequence
on a case by case basis. The following three sections in this data
sheet (the Sequence Detector section, the Monitoring Fault
Detector section, and the Timeout Detector section) describe
the individual blocks and use the sample application shown in
Figure 29 to demonstrate the actions of the SE.
Table 8. PDO Outputs for Each State
PDOx Output
Sequence State1
IDLE1
IDLE2
EN3V3
EN2V5
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
PDO1 = 3V3ON2
0
0
1
1
0
1
1
1
1
PDO2 = 2V5ON3
0
0
0
1
1
0
1
1
1
PDO3 = FAULT4
0
0
0
0
1
1
0
1
1
1 The various sequence states are described in Table 7.
2 3V3ON means that a particular PDOx pin enables the signal of the 3.3 V LDO.
3 2V5ON means that a particular PDOx pin enables the signal of the 2.5 V LDO.
4 PDO3 is used to send a fault signal to the microcontroller or FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com