Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2913 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices ADN2913 Datasheet HTML 10Page - Analog Devices ADN2913 Datasheet HTML 11Page - Analog Devices ADN2913 Datasheet HTML 12Page - Analog Devices ADN2913 Datasheet HTML 13Page - Analog Devices ADN2913 Datasheet HTML 14Page - Analog Devices ADN2913 Datasheet HTML 15Page - Analog Devices ADN2913 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ADN2913
Data Sheet
Rev. A | Page 12 of 37
1k
0.1
1
10
100
10
100
1k
10k
100k
1M
10M
JITTER FREQUENCY (Hz)
EQUIPMENT LIMIT
ADN2913
SONET MASK
Figure 12. Jitter Tolerance: OC-12
100
0.1
1
10
10
100
1k
10k
100k
1M
10M
JITTER FREQUENCY (Hz)
EQUIPMENT LIMIT
ADN2913
SONET MASK
Figure 13. Jitter Tolerance: OC-3
0
–40
–15
–5
–20
–25
–30
–35
–10
1M
10M
100M
1G
10G
100G
FREQUENCY (Hz)
Figure 14. Typical S11 Spectrum Performance
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
4.55
4.60
4.65
4.70
155.52M
622.08M
2.4880G
2.6670G
DATA RATE (bps)
Figure 15. Sensitivities of SONET/SDH Data Rates (BER = 10−10)
0
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0
2
4
6
8
10
12
14
16
EQ SETTING
Figure 16. BER in Equalizer Mode vs. EQ Compensation at 8GFC
(Measured with an 8GFC Signal of 400 mV p-p diff, on 15-Inch FR4 Traces,
with Variant EQ Compensation, Including Adaptive EQ)
0
1
2
3
4
5
6
7
8
9
DATARATE (bps)
Figure 17. Sensitivities of non-SONET/SDH Data Rates (BER = 10−12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com