Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW67 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCW67
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCW67 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCW67 Datasheet HTML 1Page - Diotec Semiconductor BCW67 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
45
01.11.2003
General Purpose Transistors
BCW 67, BCW 68
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector saturation volt. – Kollektor-Sättigungsspg. 1)
- I
C = 100 mA, - IB = 10 mA
- V
CEsat
–
–
300 mV
- I
C = 500 mA, - IB = 50 mA
- V
CEsat
–
–
700 mV
Base saturation voltage – Basis-Sättigungsspannung 1)
- I
C = 100 mA, - IB = 10 mA
- V
BEsat
–
–
1.25 V
- I
C = 500 mA, - IB = 50 mA
- V
BEsat
–
–
2 V
DC current gain – Kollektor-Basis-Stromverhältnis 1)
- V
CE = 10 V
- I
C = 100
: mA
BCW 67A / 68F
h
FE
35
–
–
BCW 67B / 68G
h
FE
50
–
–
BCW 67C / 68H
h
FE
80
–
–
- V
CE = 1 V
- I
C = 10 mA
BCW 67A / 68F
h
FE
75
–
–
BCW 67B / 68G
h
FE
120
–
–
BCW 67C / 68H
h
FE
180
–
–
- V
CE = 1 V
- I
C = 100 mA
BCW 67A / 68F
h
FE
100
160
250
BCW 67B / 68G
h
FE
160
250
400
BCW 67C / 68H
h
FE
250
350
630
- V
CE = 2 V
- I
C = 500 mA
BCW 67A / 68F
h
FE
35
–
–
BCW 67B / 68G
h
FE
60
–
–
BCW 67C / 68H
h
FE
100
–
–
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 5 V, - IC = 50 mA, f = 100 MHz
f
T
–
200 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
6 pF
–
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- V
EB = 0.5 V, IC = ic = 0, f = 1 MHz
C
EB0
–
60 pF
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary NPN-transistors
Empfohlene komplementäre NPN-Transistoren
BCW 65, BCW 66
Marking – Stempelung
BCW 67A = DA
BCW 67B = DB
BCW 67C = DC
BCW 68F = DF
BCW 68G = DG
BCW 68H = DH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com