Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # BZX85C
Description  Silicon Planar Power Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BZX85C Datasheet(HTML) 3 Page - Nanjing International Group Co

  BZX85C Datasheet HTML 1Page - Nanjing International Group Co BZX85C Datasheet HTML 2Page - Nanjing International Group Co BZX85C Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZX85C
C8V2
2
Breakdown characteristics
at Tj=constant (pulsed)
0
0
40
80
1
Iz
120
160
200
240
mA
34
5
7
68
C3V9
C6V8
C5V6
C4V7
C10
12
910
Vz
11
14
13
C12
Tj=25 C
BZX 85...
o
16
17
18
19
20
21
22
23
15
24V
C15
C18
C22
Breakdown characteristics
at Tj=con stant (pulsed)
0
10
Iz
20
30
40
mA
50
20
65
Tj=25 C
BZX 85...
45
35
25
30
Vz
40
C27
C33
C39
55
50
60
C47
o
70
C68
75
80
85
90
95V
C75
C91
w
Admissible power dissipation
Versus ambient temperature
Valid provided that leads are kept at ambient
Temperature at a distance of 10 mm from case
Tamb
Ptot



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com