Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4591PCK-410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4591PCK-410
Description  802.11a/n/ac FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4591PCK-410 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4591PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM4591PCK-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RFFM4591
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF)
5.5
VDC
DC Supply Voltage (With RF On)
5
VDC
Maximum Tx and Rx Input Power
(No Damage)
12
dBm
Operating Ambient Temperature
-20 to +85
°C
Extended Temperature Range
(with Reduced Performance)
-40 to -20
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions 3.3V
Temperature = -10°C to +70°C, VCC = 3.3V, PA_EN = high,
POUT = 17dBm using a IEEE802.11n MCS7 waveform
unless otherwise noted.
Tx Performance - 11a/n/ac
Compliance with standard 802.11a/n/ac
Frequency
5150
5850
MHz
802.11n Output Power
16.5
17
dBm
802.11n HT20 and HT40 MCS7
11n Dynamic EVM
2.5
3
%
-32
-30.5
dB
802.11ac Output Power
15
16
dBm
802.11ac HT40 and HT80 MCS9
11ac Dynamic EVM
1.8
%
-35
dB
Tx Performance - Spectral
Mask
802.11n Output Power
19
dBm
Meet IEEE HT40 MCS7 Spectral Mask
Frequency
4900
5150
MHz
802.11n Output Power
16.5
17
dBm
802.11n HT20 and HT40 MCS7
11n EVM
2.5
3
%
-32
-30.5
dB
Second Harmonic
-45
-41
dBm/MHz 4.9GHz to 5.825GHz, POUT = 18dBm, 6Mbps 802.11a
Third Harmonic
-50
-43
dBm/MHz
General Tx Performance
Gain
24
26
30
dB
5.15GHz to 5.35GHz
26
28
31
dB
5.35GHz to 5.825GHz
Gain variation over Temp
-2
2
dB
Power Detect Voltage
0.35
0.375
0.4
V
RF = off
0.706
0.786
V
Frequency = 5825MHz, POUT = 16.5dBm, T = 25°C
Power Detect Accuracy
-1.5
1.5
dB
Into 3:1 VSWR load, T = 25°C
Input Return Loss - TX_IN pin
-15
-7
dB
In specified frequency band
Output Return Loss at ANT pin
-15
-10
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com