Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5430 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5430
Description  Contunuous Collector Current-IC= 7A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5430 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5430 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5430 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2N5430
DESCRIPTION
·
Contunuous Collector Current-IC= 7A
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat)= 1.2V(Max) @IC= 7A
·
Wide Area of Safe Operation
APPLICATIONS
·
Designed for switching and wide-band amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.37
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
7
A
IB
Base Current-Continuous
1
A
PC
Collector Power Dissipation@TC=25℃
40
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N5430

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5430 MOSPEC-2N5430 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
logo
Seme LAB
2N5430 SEME-LAB-2N5430 Datasheet
15Kb / 2P
MEDIUM POWER NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N5430 CENTRAL-2N5430 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N5430 SAVANTIC-2N5430 Datasheet
147Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5430 NJSEMI-2N5430 Datasheet
176Kb / 1P
COLLECTOR EMITTER VOLTAGE
More results

Similar Description - 2N5430

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB891 ISC-2SB891 Datasheet
106Kb / 2P
High Collector Current -IC= -2A
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5428 ISC-2N5428 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N2219A ISC-2N2219A Datasheet
96Kb / 2P
Collector Current- IC= 0.8A
2SD1163A ISC-2SD1163A Datasheet
134Kb / 2P
Collector Current: IC= 7A
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com