Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3440 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3440
Description  Silicon Epitaxial Planar NPN transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3440 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3440 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3440 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2N3440
DESCRIPTION
·
Silicon Epitaxial Planar NPN transistor
·
Low Saturation Voltage -
: VCE(sat)= 0.5V(Max)@ IC= 50mA, IB= 4mA
·
Good Linearity of hFE
APPLICATIONS
·
Designed for use in consumer and industrial
line-operated applications. particularly suited as
drivers in high-voltage low current inverters,
switching and series regulators.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
3.0
A
IB
Base Current
0.5
A
PC
Collector Power Dissipation
@ Ta<50℃
1.0
W
Collector Power Dissipation
@ TC=25℃
10
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-60~200
℃


Similar Part No. - 2N3440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3440 STMICROELECTRONICS-2N3440 Datasheet
66Kb / 4P
SILICON NPN TRANSISTORS
Jun-1997
logo
Seme LAB
2N3440 SEME-LAB-2N3440 Datasheet
18Kb / 2P
HIGH VOLTAGE NPN TRANSISTORS
logo
Boca Semiconductor Corp...
2N3440 BOCA-2N3440 Datasheet
262Kb / 6P
HIGH VOLTAGE AMPLIFIERS
logo
Continental Device Indi...
2N3440 CDIL-2N3440 Datasheet
45Kb / 3P
NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N3440 CENTRAL-2N3440 Datasheet
55Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3440

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com