Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5495 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5495
Description  Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5495 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5495 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5495 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2N5495
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 40V(Min)
·
Low Saturation Voltage-
: VCE (sat)= 1V(Max)@IC= 3A
APPLICATIONS
·
Designed for a wide variety of medium-power switching and
amplifier applications , such as series and shunt regulators
and driver and output stages of high-fidelity amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEV
Collector-Emitter Voltage
VBE= -1.5V
60
V
VCER
Collector-Emitter Voltage
RBE= 100Ω
50
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
7
A
IB
Base Current
3
A
PC
Collector Power Dissipation
@ Ta=25℃
1.8
W
Collector Power Dissipation
@ TC=25℃
50
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.5
℃
/W
Rth j-a
Thermal Resistance, Junction to Ambient
70
℃
/W


Similar Part No. - 2N5495

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5495 NJSEMI-2N5495 Datasheet
136Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2N5495

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Unisonic Technologies
USS5350 UTC-USS5350 Datasheet
156Kb / 3P
50V,3A PNP LOW VCE(SAT) TRANSISTOR
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
logo
Nanjing International G...
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
Low VCE(sat) Transistor(-20V,-3A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com